Part Number Hot Search : 
BD675A S3901 PT7708 TP12N60 KA242 2SJ50807 Z5238B RL207
Product Description
Full Text Search
 

To Download KBPC3510N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  master instrument corporation single-phase bridge rectifier kbpc3505n thru KBPC3510N voltage range current 50 to 1000 volts 35 amperes e-mail: sales@cnmic.com web site: www.cnmic.com 1/2 features l low cost l this series is ul recognized under component index, file number e127707 l high forward surge current capability l integrally molded heatsink provide very low thermal resistance l high isolation voltage from case to leads l high temperature soldering guaranteed: 260 o c/10 second, at 5 lbs. (2.3kg) tension. mechanical data l case: molded plastic body l terminal: plated lead 0.25 (6.35mm)lug. l polarity: polarity symbols marked on case l mounting: thru hole for #10 screw, 20 in.-lbs torque max. l weight:0.55ounce, 15.6 grams metal heat sink exopy case ac ac + - 0.666(16.9) 0.626(15.9) 1.13(28.8) 1.11(28.2) 0.728(18.5) 0.688(17.5) 1.13(28.8) 1.11(28.2) 0.666(16.9) 0.626(15.9) 0.570(14.5) 0.530(13.5) 0.205(5.2) 0.197(5.0) dia 0.32(8.2) 0.30(7.8) 0.512(13.0) 0.413(10.5) 0 . 0 9 ( 2 . 3 ) d i a 0.252(6.4) 0.248(6.3) 0.252(6.4) 0.248(6.3) 0.033(0.84) 0.028(0.71) br-35n dimensions in inches and (millimeters) maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%. symbols kbpc 35005n kbpc 3501n kbpc 3502n kbpc 3504n kbpc 3506n kbpc 3508n kbpc 3510n units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified output current, at t c =50 (note1) i (av) 35 amps peak forward surge current 8.3ms single half sine- wave superimposed on rated load (jedec method) i fsm 400 amps rating for fusing(t<8.3ms) i 2 t 373 a 2 s maximum instantaneous forward voltage at 17.5a v f 1.1 volts t a =25 10 m amps maximum dc reverse current at rated dc blocking voltage t a =100 i r 1.0 mamps isolation voltage from case to leads v iso 2500 v ac typical thermal resistance (note 1, 2) r q jc 2.0 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 notes: 1. unit mounted on 9 3.5 4 .6 thick ( 23c m 9c m 11 . 8c m) al. plate. 2. bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
master instrument corporation single-phase bridge rectifier kbpc3505n thru KBPC3510N voltage range current 50 to 1000 volts 35 amperes e-mail: sales@cnmic.com web site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of KBPC3510N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X